Part Number Hot Search : 
MTRS9080 F200A50 0430452 FSB50325 S3GRYBL TRRPB 3KP75A S1808
Product Description
Full Text Search
 

To Download BUZ104SL-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
BUZ 104SL-4
SIPMOS (R) Power Transistor
* Quad-channel * Enhancement mode * Logic level * Avalanche-rated * dv/dt rated
Type BUZ 104SL-4
VDS
55 V
ID
3.2 A
RDS(on)
0.125
Package P-DSO-28
Ordering Code C67078-S. . . .- . .
Maximum Ratings Parameter Continuous drain current one channel active Symbol Values 3.2 Unit A
ID IDpuls
12.8
TA = 25 C
Pulsed drain current one channel active
TA = 25 C
Avalanche energy, single pulse
EAS
52 dv/dt 6
mJ
ID = 3.2 A, VDD = 25 V, RGS = 25 L = 10.15 mH, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 3.2 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Power dissipation ,one channel active
VGS Ptot
14 2.4
V W
TA = 25 C
Operating temperature Storage temperature IEC climatic category, DIN IEC 68-1
Tj Tstg
-55 ... + 175 -55 ... + 175 55 / 175 / 56
C
Semiconductor Group
1
07/Oct/1997
Preliminary data
BUZ 104SL-4
Thermal Characteristics Parameter Symbol min. Thermal resistance, junction - soldering point 1) Thermal resistance, junction - ambient 2) Values typ. max. tbd 62.5 K/W Unit
RthJS RthJA
-
1) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer,70m thick) copper area for Drain connection. PCB is vertical without blown air.
2) one channel active
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
55 1.6 0.1 10 0.095 2
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
1.2
VGS=VDS, ID = 20 A
Zero gate voltage drain current
IDSS
0.1 1 100
A
VDS = 55 V, VGS = 0 V, Tj = -40 C VDS = 55 V, VGS = 0 V, Tj = 25 C VDS = 55 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS
100
nA 0.125
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 5 V, ID = 3.2 A
Semiconductor Group
2
07/Oct/1997
Preliminary data
BUZ 104SL-4
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
3 320 100 55 -
S pF 400 125 70 ns 20 30
VDS 2 * ID * RDS(on)max, ID = 3.2 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 5 V, ID = 3.2 A RG = 16.8
Rise time
tr
30 45
VDD = 30 V, VGS = 5 V, ID = 3.2 A RG = 16.8
Turn-off delay time
td(off)
35 53
VDD = 30 V, VGS = 5 V, ID = 3.2 A RG = 16.8
Fall time
tf
20 0.55 5.3 14 3.27 30 nC 0.85 8 21 V 3 07/Oct/1997
VDD = 30 V, VGS = 5 V, ID = 3.2 A RG = 16.8
Gate charge at threshold
Qg(th) Qg(5)
-
VDD = 40 V, ID 0.1 A, VGS =0 to 1 V
Gate charge at 5.0 V
VDD = 40 V, ID = 3.2 A, VGS =0 to 5 V
Gate charge total
Qg(total)
-
VDD = 40 V, ID = 3.2 A, VGS =0 to 10 V
Gate plateau voltage
V(plateau)
VDD = 40 V, ID = 3.2 A
Semiconductor Group
Preliminary data
BUZ 104SL-4
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A 0.95 50 90 3.2 12.8 V 1.6 ns 75 nC 135 Values typ. max. Unit
TA = 25 C
Inverse diode direct current, pulsed
ISM
-
TA = 25 C
Inverse diode forward voltage
VSD trr Qrr
VGS = 0 V, IF = 6.4 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/Oct/1997
Preliminary data
BUZ 104SL-4
Power dissipation Ptot = (T)
Drain current ID = (TC) parameter: VGS 5 V
3.4 A
2.6 W 2.2
RthJC thJA
Ptot
2.0 1.8 1.6 1.4 1.2 1.0
ID
2.8
2.4
2.0
1.6
1.2 0.8 0.6 0.4 0.4 0.2 0.0 0 20 40 60 80 100 120 140 C T 180 0.0 0 20 40 60 80 100 120 140 C 180 0.8
TC
Semiconductor Group
5
07/Oct/1997
Preliminary data
BUZ 104SL-4
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
7.5 A 6.5
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
0.38
a b
Ptot = 2W
l jig h kfe d
VGS [V] a 2.5
b c 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 8.0 10.0
ID
6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0
c
0.32 RDS (on) 0.28 0.24 0.20 0.16
c
d e f g h i j
0.12 0.08 0.04
VGS [V] =
a 2.5 3.0 b 3.5 c 4.0 d 4.5 e f 5.0 5.5 g 6.0 h i 6.5 7.0 j 8.0 k 10.0
bk
l
d e gf j kh i
0.5 a 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
0.00 0.0
1.0
2.0
3.0
4.0
A
5.5
VDS
ID
Typ. transfer characteristics ID = f (VGS)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
45 A
ID
35 30 25 20 15 10 5 0 0
1
2
3
4
5
6
7
8
V VGS
10
Semiconductor Group
6
07/Oct/1997
Preliminary data
BUZ 104SL-4
Drain-source on-resistance RDS (on) = (Tj) parameter: ID = 3.2 A, VGS = 5 V
0.34
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 20 A
4.6 V 4.0
0.28 RDS (on) 0.24
VGS(th)
3.6 3.2 2.8
0.20
98%
0.16
2.4
98%
2.0
typ
0.12 0.08 1.6
typ 2%
1.2 0.8
0.04 0.4 0.00 -60 -20 20 60 100 C 180 0.0 -60 -20 20 60 100 C 180
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 3
Forward characteristics of reverse diode IF = (VSD) parameter: Tj, tp = 80 s
10 2
A C pF Ciss
IF
10 1
10 2 Coss 10 0
Crss
Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 1 0 10 -1 0.0
5
10
15
20
25
30
V 40 VDS
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/Oct/1997
Preliminary data
BUZ 104SL-4
Avalanche energy EAS = f (Tj) parameter:ID=3.2A,VDD =25 V
RGS =25 , L = 10.15mH
60
Typ. gate charge VGS = (QGate) parameter: ID puls = 3 A
16
V mJ
EAS
40
VGS
12
10
30
8 0,2 VDS max 0,8 VDS max
6 20 4 10
2 0 0
0 20
40
60
80
100
120
140
C Tj
180
2
4
6
8
10
12
14
16 nC 19
QGate
Drain-source breakdown voltage V(BR)DSS = (Tj)
65
V
V(BR)DSS
61
59
57
55
53
51 49 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
07/Oct/1997


▲Up To Search▲   

 
Price & Availability of BUZ104SL-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X